Part Number Hot Search : 
56F80 EER90 LTM4613 003901 222MR 31006 MAX1535 C3950
Product Description
Full Text Search
 

To Download SMPB1060L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SMPB1060L voltage 60v,10.0 amp low vf planar mos barrier schottky rectifier 28-may-2014 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen free features  planar mos schottky technology  low forward voltage drop  high current capability  high reliability  high surge current capability  epitaxial construction mechanical data  case: to-277b molded plastic body  polarity: color band denotes cathode end  mounting position: any  package information package mpq leader size to-277b 3k 13 inch maximum ratings and electrical characteristics (rating 25c ambient temperature unless otherwise s pecified. single phase half wave, 60hz, resistive o r inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 60 v working peak reverse voltage v rsm 60 v maximum dc blocking voltage v dc 60 v maximum average forward rectified current i f 10 a peak forward surge current, 8.3 ms single half sine-w ave i fsm 150 a voltage rate of chance (rated v r ) dv/dt 10000 v / s typical thermal resistance r jc 2 c /w operating and storage temperature range t j ,t stg -40~150 c electrical characteristics parameter symbol typ. max. unit test condition 0.38 0.41 i f = 3a, t j = 25c 0.44 0.49 i f = 5a, t j = 25c 0.56 0.6 i f = 10a, t j = 25c maximum instantaneous forward voltage v f 0.54 - v i f = 10a, t j = 125c - 0.3 t j =25c maximum dc reverse current at rated dc blocking voltage 2 i r - 15 ma t j =100c typical junction capacitance 1 c j 320 - pf notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. pulse test pulse width = 300 s, duty cycle Q 2.0%. to - 2 7 7b millimeter millimeter ref. min. max. ref. min. max. a 6.40 6.60 g 0.85 0.95 b 0.90 1.10 h 3.90 4.10 c 5.70 5.90 i 0.25 ref. d 1.80 1.95 j 1.75 1.85 e 0.75 0.85 k 2.95 3.05 f 3.45 3.60
elektronische bauelemente SMPB1060L voltage 60v,10.0 amp low vf planar mos barrier schottky rectifier 28-may-2014 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SMPB1060L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X